fanless amd geode? lx 800 processor ip-65 protection com x 2, vga, lan, usb mini size robust architecture low power consumption built-in connectors ip-65 washable embedded controller with amd geode? lx processor AEC-6510 vga com 1 com 2 usb lan power cpu amd geode? lx800 500 mhz chipset amd geode? lx system memory ddr ram sodimm x 1, max. 512 mb display interface vga db-15 x 1, shared system memory up to 254mb dvi others storage device ssd compactflash? slot hdd network lan 10/100 base-tx ethernet, rj-45 x 1 wireless front i/o usb host usb2.0 x 2 lan rj-45 x 1 serial port rs-232 x 1, rs-232/422/485 x 1 dio audio kb/ms others vga x 1, power input x 1 rear i/o usb host lan serial port dio audio kb/ms others expansion pcie [x1] pci mini card mini pci 1 others indicator front rear power requirement dc-in 9-30v power consumption amd geode? lx 800 500 mhz, 0.45a@12v system cooling passive cooling mounting wallmount operating temperature -4f ~ 158f (-20c ~ 70c) storage temperature -4f ~ 158f (-20c ~ 70c) anti-virbation 5 g rms/ 5 ~ 500hz/ operation (compactflash?) anti-shock 50 g peak acceleration (11 msec. duration) (compactflash?) mtbf 70,000 certification emc ce /fcc class a safety dimension (w x h x d) 10.8(l) x 7.83(h) x 2.44(d) (275mm x 199mm x 62mm) gross weight 6.16 lb (2.8 kg) note: all specifications are subject to change without notice. 11 11-33 boxer g series - fanless embedded controller solutions features specifications
AEC-6510 tf-AEC-6510-a1-1010 ? embedded controller, amd geode? lx 800 500 mhz, fanless, dc9-30v, 2com, 1usb, 1lan, 1vga, w/o cable kit ordering information v g a l a n u s b p o w e r c o m 1 c o m 2 optional accessories 1957904004 ? (tf) power adapter, 12v, 40w, fsp, fsp040-dgaa1, for AEC-6510 1702031802 ? power cord (us type) 1702031803 ? power cord (european type) 170203180e ? power cord (japanese type) 1700080304 ? lan cable for aec-6520 & AEC-6510 (30cm) 1700100402 ? usb cable for aec-6520/6510 (40cm) 1700150305 ? vga cable for aec-6520/6510 (30cm) 1700090307 ? rs-232 cable for aec-6520/6510 (30cm) 1700090404 ? db-9 cable for aec-6520/6510 (30cm) 11-34 dimension unit: mm
|